|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NEC's 2.4 GHz Si LD MOS POWER AMPLIFIER UPD5702TU FEATURES * MEDIUM OUTPUT POWER: POUT = +21 dBm TYP @PIN = -2 dBm, f = 2.45 GHz * ON CHIP OUTPUT POWER CONTROL FUNCTION * SINGLE SUPPLY VOLTAGE: VDS = 3.0 V TYP * PACKAGED IN 8 PIN L2MM (2.0 X 2.2 X 0.5mm) SUITABLE FOR HIGH- DENSITY SURFACE MOUNT INTERNAL BLOCK DIAGRAM Pout2 1 8 Pin2 Pout2 2 7 Pin2 GND 3 6 GND DESCRIPTION NEC's UPD5702TU is a silicon LD MOS IC designed for use as a power amplifier up to 2.4 GHz application. This IC consists of two stage amplifiers. The device is packaged in a low cost, surface mount 8 pin L2MM (Leadless Mini Mold) plastic package. Ideally suited for high density surface mount designs. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance. Pin1 4 5 Pout1 APPLICATIONS * 1.9 GHZ Application Ex. PHS etc. * 2.4 GHz application Ex. Bluetooth, Wireless LAN, etc. * General purpose medium power AGC amplifier ELECTRICAL CHARACTERISTICS (TA = 25C, VDS = 3.0 V, f = 1.9 GHz, unless otherwise specified) PART NUMBER SYMBOLS IDS VGS POUT PAE Padj1 Padj2 IRL ORL ISOL OBW PARAMETERS AND CONDITIONS Circuit Current, PIN = -5 dBm, POUT = +20.5 dBm Gate Bias Voltage, PIN = -5 dBm, POUT = +20.5 dBm Output Power, PIN = -5 dBm Power Added Efficiency, PIN = -5 dBm, POUT = +20.5 dBm Adjacent Channel Power 1, PIN = -5 dBm, POUT = +20.5 dBm Adjacent Channel Power 2, PIN = -5 dBm, POUT = +20.5 dBm Input Return Loss, PIN = -20 dBm Output Return Loss, PIN = -20 dBm Isolation, PIN = -20 dBm Occupied Bandwidth, PIN = -5 dBm, POUT = +20.5 dBm UNITS mA V dBm % dBc dBc dB dB dB dB 20.5 27 -61 -76 10 10 45 TBD MIN UPD5702TU TYP 150 2.0 MAX California Eastern Laboratories UPD5702TU ABSOLUTE MAXIMUM RATINGS1 (TA = 25C unless otherwise specified) SYMBOLS VDS VGS PD TA TSTG PIN(MAX) Tj PARAMETERS Supply Voltage 1 Supply Voltage 2 Power Dissipation2 Operating Ambient Temp. Storage Temp. Range Maximum Input Level Junction Temperature UNITS V V W C C dBm C RATINGS 6.0 6.0 0.866 -40 to +85 -65 to +150 +10 +150 RECOMMENDED OPERATING CONDITIONS SYMBOLS VDS VGS PIN ID PARAMETERS Supply Voltage 1 Supply Voltage 2 Maximum Input Power Drain Current UNITS MIN TYP MAX V V dBm mA 2.7 0.0 - - 3.0 0.2 +5 165 3.6 - - - Notes: 1. Operation in excess of any one of these conditions may result in permanent damage. 2. TA = 25C, mounted on 330 x 21 mm epoxy glass PWB. ORDERING INFORMATION PART NUMBER UPD5702TU-E2-A QUANTITY TBD TYPICAL PERFORMANCE CURVES (TA = 25C, f = 1.9 GHz, VGS = 2.0 V unless otherwise specified) OUTPUT POWER, GAIN AND ADJACENT CHANNEL POWER vs. INPUT POWER 30 -20 VDS = 3.0 V, VGS = 2.0 V, f = 1.90 GHz, PIN = -5 dB CIRCUIT CURRENT vs. INPUT POWER Circuit Current, IDS (mA) 250 200 150 100 50 0 -15 Output Power, POUT (dBm), Gain, GA (dB) 20 -40 Adjacent Channel Power, Padj (dBc) 25 -30 15 -50 -10 -5 0 5 10 Input Power, PIN (dBm) 10 Pout Gain 5 Padj (-900 KHz) Padj (-600 KHz) Padj (+600 KHz) Padj (+900 KHz) 0 -15 -10 -5 0 5 10 -60 -70 -80 Input Power, PIN (dBm) UPD5702TU PACKAGE DIMENSIONS (Units in mm) PACKAGE OUTLINE TU Top View 0.4 Bottom View 2.0 2.2 1.4 0.1 0.4 0.16 0.25 0.25 0.75 0.75 Side View 0.5 2.0 Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale. 02/04/2004 A Business Partner of NEC Compound Semiconductor Devices, Ltd. 4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279 Subject: Compliance with EU Directives CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information. Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*) If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative. Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability. 5-4 |
Price & Availability of UPD5702 |